Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download 4N24U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4N22U 4N23U 4N24U
05/29/03
6 PIN LCC OPTOCOUPLERS
OPTOELECTRONIC PRODUCTS DIVISION
Features: * MIL-PRF-19500/486 Qualified * Base lead provided for conventional transistor biasing * High gain, high voltage transistor * Miniature package saves circuit board area * High voltage electrical isolation...1KV rating DESCRIPTION
Applications: * * * * * Line Receivers Switchmode Power Supplies Signal ground isolation Process Control input/output isolation Motor control
High gain optocoupler utilizing GaAIAs infrared LED optically coupled to an N-P-N silicon phototransistor in a 6-pin leadless chip carrier. The 4N22U, 4N23U and 4N24U optocouplers can be supplied to customer specifications as well as JAN, JANS, JANTX, and JANTXV quality levels.
*ABSOLUTE MAXIMUM RATINGS Input to Output Voltage.................................................................................................................................................... 1000V Collector-Base Voltage ........................................................................................................................................................... 35V Collector-Emitter Voltage........................................................................................................................................................ 35V Emitter-Collector Voltage.......................................................................................................................................................... 4V Input Diode Reverse Voltage.................................................................................................................................................... 2V Input Diode Continuous Forward Current at (or below) 65C Free-Air Temperature (see note 1) ....................................40mA Continuous Collector Current ..............................................................................................................................................50mA Peak Diode Current .................................................................................................................................................................. 1A Continuous Transistor Power Dissipation at (or below) 25C Free-Air Temperature (see Note 2) ................................300mW Operating Free-Air Temperature Range ............................................................................................................-55C to +125C Storage Temperature..........................................................................................................................................-65C to +125C Solder Temperature (10 seconds)...................................................................................................................................... 240C Notes: 1. Derate linearly to 125C free-air temperature at the rate of 0.67 mA/C above 65C. 2. Derate linearly to 125C free-air temperature at the rate of 3 mW/C above 65C.
* JEDEC registered data
Package Dimensions
0.250 [6.35] 0.240 [6.10]
Schematic Diagram
0.080 [2.03] 0.066 [1.68] 0.175 [4.45] 0.165 [4.19]
1
A
C
PIN 1 IDENTIFIER
3
E
0.028 [0.71] 0.022 [0.56] 0.105 [2.67] 0.095 [2.41]
5
2 1 6
3 4 5
6
0.055 [1.40] 0.045 [1.14]
K
B
4
0.098 [2.49] 0.082 [2.08]
0.070 [1.78] 5 PLS 0.060 [1.52] ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
4N22U, 4N23U, and 4N24U
5 - 21
6 PIN LCC OPTOCOUPLERS
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
05/29/03
ELECTRICAL CHARACTERISTICS INPUT LED
TA = 25C Unless otherwise specified
PARAMETER
Input Diode Static Reverse Current Input Diode Static Forward Voltage -55 C +25 C +100 C
SYMBOL
IR VF
MIN
1.0 0.8 0.7
MAX
100 1.5 1.3 1.2
UNITS
A V
TEST CONDITIONS
VR = 2V IF = 10mA
NOTE
OUTPUT TRANSISTOR
TA = 25C Unless otherwise specified
PARAMETER
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
SYMBOL
V(BR)CBO V(BR)CEO V(BR)EBO
MIN
35 35 4
MAX
UNITS
V V V
TEST CONDITIONS
IC = 100A, IB = 0, IF = 0 IC = 1mA, IB = 0, IF = 0 IC= 0, IE = 100A, IF = 0
NOTE
COUPLED CHARACTERISTICS
TA = 25C Unless otherwise specified
PARAMETER
On State Collector Current 4N22U 4N23U 4N24U 4N22U 4N23U 4N24U 4N22U 4N23U 4N24U 4N22U 4N23U 4N24U +25C 4N22U 4N23U 4N24U ALL ALL 4N22U 4N23U 4N24U 4N22U 4N23U 4N24U
SYMBOL
IC(ON)
MIN
0.15 0.2 0.4 2.5 6.0 10.0 1.0 2.5 4.0 1.0 2.5 4.0
MAX
UNITS
mA
TEST CONDITIONS
VCE = 5V, IB = 0, IF = 2mA
NOTE
On State Collector Current
mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA 100 100 0.3 0.3 0.3 5 15 15 20 15 15 20 nA
A
IC(ON)
On State Collector Current -55C On State Collector Current +100C Off State Collector Current
IC(ON)
IC(ON) IC(OFF) IC(OFF) VCE(SAT) VCE(SAT) VCE(SAT) RI-O CI-O tr tr tr tf tf tf
VCE = 20V, IB = 0, IF = 0mA VCE = 20V, IB = 0, IF = 0mA IC = 2.5mA, IB = 0, IF = 20mA IC = 5mA, IB = 0, IF = 20mA IC = 10mA, IB = 0, IF = 20mA VIN-OUT = 1kV f = 1MHz, VIN-OUT = 1kV VCC = 10V, IF = 10mA, RL = 100 1 1
Off State Collector Current +100C Collector-Emitter Saturation Voltage
Input to Output Resistance Input to Output Capacitance Rise Time
10
11
V V V pF
s s s s s s
Fall Time
VCC = 10V, IF = 10mA, RL = 100
NOTE: 1. These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
SELECTION GUIDE
PART NUMBER 4N22U 4N23U 4N24U JAN4N22U JAN4N23U JAN4N24U JANTX4N22U JANTX4N23U JANTX4N24U JANTXV4N22U JANTXV4N23 JANTXV4N24U JANS4N22U JANS4N23U JANS4N24U PART DESCRIPTION Commercial Commercial Commercial JAN Screened JAN Screened JAN Screened JANTX Screened JANTX Screened JANTX Screened JANTXV Screened JANTXV Screened JANTXV Screened JANS Screened JANS Screened JANS Screened
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
5 - 21


▲Up To Search▲   

 
Price & Availability of 4N24U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X